Part Number Hot Search : 
27011 VIT4045C 1N6284C 128KX36 XC3042A MV7442 ER108L MBR340
Product Description
Full Text Search
 

To Download 5023801100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5023801100 Active
clikmate_wiretoboard_connectors 1.25mm (.049") Pitch CLIK-MateTM Wire-to-Board Housing, Single Row, Positive Lock, 11 Circuits
Documents: 3D Model Application Specification (PDF) Drawing (PDF)
Product Specification PS-502382-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Overview Product Name Crimp Housings 502380 clikmate_wiretoboard_connectors CLIK-MateTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 11 White Plug No Yes Yes Polyester 1 Bag No 0.049 In 1.25 mm Yes No -25C to +85C
Search Parts in this Series 502380Series Mates With 502382 PCB Receptacle, 502386 PCB Receptacle Use With 502381 Crimp Terminal
Electrical
Current - Maximum per Contact 1A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification AS-502380-001, AS-502380-002 SPK-502380-001 PS-502382-001, RPS-502382-003, RPS-502382-004, RPS-502382-005, RPS-502382-006, RPS-502382-008, RPS-502382-010, RPS-502382-011, RPS-502382-012, RPS-502382-013, RPS-502386-001 SD-502380-001, SD-502380-002
Sales Drawing
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5023801100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X